Part Number Hot Search : 
ML9488 CDBU42 26481C AMC8879 2E104K 74LCX157 HV832 KSZ8795
Product Description
Full Text Search
 

To Download APTD3216SRCPRV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2x1.6mm SMD CHIP LED LAMP
Part Number: APTD3216SRCPRV Super Bright Red
Features
3.2mmX1.6mm SMT LED, 1.8mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / REEL . MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAB6348 APPROVED: WYNEC
REV NO: V.8 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1203002294
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APTD3216SRCPRV Super Bright Red (GaAlAs) WATER CLEAR 110 Typ. 300 Viewing Angle [1] 21/2 50
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 1.85 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Super Bright Red 75 30 155 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAB6348 APPROVED: WYNEC
REV NO: V.8 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1203002294
Super Bright Red
APTD3216SRCPRV
SPEC NO: DSAB6348 APPROVED: WYNEC
REV NO: V.8 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1203002294
APTD3216SRCPRV
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAB6348 APPROVED: WYNEC
REV NO: V.8 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1203002294
PACKING & LABEL SPECIFICATIONS
APTD3216SRCPRV
SPEC NO: DSAB6348 APPROVED: WYNEC
REV NO: V.8 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1203002294


▲Up To Search▲   

 
Price & Availability of APTD3216SRCPRV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X